PART |
Description |
Maker |
LTC6081 LTC6081CDD- LTC6081CDD-PBF LTC6081CDD-TR L |
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
|
Linear Technology
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
LTC6079HGN LTC6079HGNTR |
Micropower Precision, Quad CMOS Rail-to-Rail Input/Output Amplifiers
|
Linear Technology
|
LT1368 LT1368CN8 LT1368CS8 LT1366 LT1366CN8 LT1366 |
From old datasheet system Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
LT6001CMS8PBF LT6000IDCBTR LT6000CDCBPBF LINEARTEC |
Dual 1.8V, 13uA Precision Rail-to-Rail Op Amp; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 800 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO8 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 85°C OP-AMP, 1200 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO6 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1300 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO16 QUAD OP-AMP, 1200 uV OFFSET-MAX, 0.05 MHz BAND WIDTH, PDSO16 Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1467LCSTRPBF |
Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 660 uV OFFSET-MAX, 0.12 MHz BAND WIDTH, PDSO16
|
Linear Technology, Corp.
|